Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download 2SB1094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1094
DESCRIPTION With TO-220Fa package Complement to type 2SD1585 APPLICATIONS Ideal for power supplies or variety or in audio and other equipment
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB

PARAMETER
CONDITIONS Open emitter
Collector-base voltage Collector -emitter voltage
IN
Emitter-base voltage
Collector current
HAN C
SEM GE
Open base
OND IC
TOR UC
VALUE -60 -60 -7 -3 -5 -0.6
UNIT V V V A A A
Open collector
Collector current-peak Base current Ta=25ae
2.0 W 15 150 -55~150 ae ae
PC
Collector power dissipation TC=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-30mA; IB=0 IC=-2A ;IB=-0.2A IC=-2A ;IB=-0.2A VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-50mA ; VCE=-5V IC=-0.5A ; VCE=-5V IC=-0.1A; VCE=-5V f=1MHz ; VCB=-10V 20 40 MIN -60
2SB1094
SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-1.5 -2.0 -10 -10 |I |I
V V A A
200 20 MHz pF
Collector output capacitance

L K 100-200
hFE-2 Classifications M 40-80
HAN INC
60-120
SEM GE
OND IC
TOR UC
70
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1094
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X